Part Number Hot Search : 
2N5679 14518B0 DS536 PC2508 M29W64 TKE0309D PCA955 31290
Product Description
Full Text Search
 

To Download MPP10-05D12AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mpp10(w) page of 4 www.pduke.com 2013/7/9 1 mpp10(w) series dc-dc converter 2:1 & 4:1 wide input range up to 10.05 watts features applications ? reinforced insulation for 250vac working voltage ? clearance and creepage distance :8.0mm/2mopp ? 5000vac input to output 2mopp isolation ? built-in emi class a filter ? 2 a patient leakage current ? safety meets ansi/aami es60601-1, en60601-1 and iec60 601-1 ? ce mark meets 2006/95/ec, 2011/95/ec and 2004/108/ec ? compliant to rohs eu directive 2011/65/eu medical equipment telecom/datacom industry control system measurement equipment semiconductor equipment pv power system igbt gate driver 5000vac isolation uvp ocp scp ovp low standby power technical specification all specifications are typical at nominal input, full load and 25 oc otherwise noted input range output voltage output current @ full load input current @ no load efficiency maximum capacitor load model number vdc vdc ma ma % f mpp10-05s3p3a/b 4.5 ~9 3.3 2500 10 80 3000 mpp10-05s05a/b 4.5 ~9 5 2000 10 84 2500 mpp10-05s12a/b 4.5 ~9 12 830 15 86.5 430 mpp10-05s15a/b 4.5 ~9 15 670 15 87 350 mpp10-05s24a/b 4.5 ~9 24 416 20 85.5 125 mpp10-05d05a/b 4.5 ~9 5 1000 25 83 1440 mpp10-05d12a/b 4.5 ~9 12 416 25 85.5 250 mpp10-05d15a/b 4.5 ~9 15 333 25 86.5 180 mpp10-12s3p3a/b 9 ~ 18 3.3 2500 10 83 3000 mpp10-12s05a/b 9 ~ 18 5 2000 10 85.5 2500 mpp10-12s12a/b 9 ~ 18 12 830 10 88 430 mpp10-12s15a/b 9 ~ 18 15 670 10 89 350 mpp10-12s24a/b 9 ~ 18 24 416 10 89 125 mpp10-12d05a/b 9 ~ 18 5 1000 10 84 1440 mpp10-12d12a/b 9 ~ 18 12 416 10 89 250 mpp10-12d15a/b 9 ~ 18 15 333 10 88 180 mpp10-24s3p3a/b 18 ~ 36 3.3 2500 6 83 3000 mpp10-24s05a/b 18 ~ 36 5 2000 6 86.5 2500 mpp10-24s12a/b 18 ~ 36 12 830 6 89 430 mpp10-24s15a/b 18 ~ 36 15 670 6 89 350 mpp10-24s24a/b 18 ~ 36 24 416 6 89 125 mpp10-24d05a/b 18 ~ 36 5 1000 6 85 1440 mpp10-24d12a/b 18 ~ 36 12 416 6 89 250 mpp10-24d15a/b 18 ~ 36 15 333 6 88 180 mpp10-48s3p3a/b 36 ~ 75 3.3 2500 4 82.5 3000 mpp10-48s05a/b 36 ~ 75 5 2000 4 86.5 2500 mpp10-48s12a/b 36 ~ 75 12 830 4 89 430 mpp10-48s15a/b 36 ~ 75 15 670 4 89 350 mpp10-48s24a/b 36 ~ 75 24 416 4 88.5 125 mpp10-48d05a/b 36 ~ 75 5 1000 4 85 1440 mpp10-48d12a/b 36 ~ 75 12 416 4 88 250 mpp10-48d15a/b 36 ~ 75 15 333 4 88 180
mpp10(w) page of 4 www.pduke.com 2013/7/9 2 input range output voltage output current @ full load input current @ no load efficiency maximum capacitor load model number vdc vdc ma ma % f mpp10-24s3p3wa/b 9 ~ 36 3.3 2500 6 83 3000 mpp10-24s05wa/b 9 ~ 36 5 2000 6 86.5 2500 mpp10-24s12wa/b 9 ~ 36 12 830 6 89 430 mpp10-24s15wa/b 9 ~ 36 15 670 6 89 350 mpp10-24s24wa/b 9 ~ 36 24 416 6 89 125 mpp10-24d05wa/b 9 ~ 36 5 1000 6 85 1440 mpp10-24d12wa/b 9 ~ 36 12 416 6 89 250 mpp10-24d15wa/b 9 ~ 36 15 333 6 88 180 mpp10-48s3p3wa/b 18 ~ 75 3.3 2500 4 82.5 3000 mpp10-48s05wa/b 18 ~ 75 5 2000 4 86.5 2500 mpp10-48s12wa/b 18 ~ 75 12 830 4 89 430 mpp10-48s15wa/b 18 ~ 75 15 670 4 89 350 mpp10-48s24wa/b 18 ~ 75 24 416 4 88.5 125 mpp10-48d05wa/b 18 ~ 75 5 1000 4 85 1440 mpp10-48d12wa/b 18 ~ 75 12 416 4 88 250 mpp10-48d15wa/b 18 ~ 75 15 333 4 88 180 mpp10 - 48 s 05 w a - p t series name i nput voltage (vdc) output quantity output voltage (vdc) input range pin connection option remote on/off option trim option 05: 12: 24: 48: 4.5~9 9~18 18~36 36~75 s: single 3p3: 05: 12: 15: 24: 3.3 5 12 15 24 w: 24: 48: 9~36 18~75 d: dual 05: 12: 15: 5 12 15    : w: 2:1 4:1 a: a type(standard) b: b type    : p: no on/off control remote on/off (only for b type pin connection)    : t: no trim trim (only for b type pin connection) input specifications parameter conditions min. typ. max. unit 2:1 5vin(nom) 12vin(nom) 24vin(nom) 48vin(nom) 4.5 9 18 36 5 12 24 48 9 18 36 75 vdc operating input voltage range (w) 4:1 24vin(nom) 48vin(nom) 9 18 24 48 36 75 vdc 2:1 5vin(nom) 12vin(nom) 24vin(nom) 48vin(nom) 4.5 9 18 36 vdc start-up voltage (w) 4:1 24vin(nom) 48vin(nom) 9 18 vdc 2:1 5vin(nom) 12vin(nom) 24vin(nom) 48vin(nom) 4 8 16 33 vdc shutdown voltage (w) 4:1 24vin(nom) 48vin(nom) 8 16 vdc start up time constant resistive load power up remote on/off 30 30 ms 3 second, max. 2:1 5vin(nom) 12vin(nom) 24vin(nom) 48vin(nom) 16 25 50 100 vdc input surge voltage 3 second, max. (w) 4:1 24vin(nom) 48vin(nom) 50 100 vdc input filter pi type referenced to - input pin dc-dc on dc-dc off open or 0 ~ 1.2vdc 2.2 ~ 12vdc remote on/off (only for b-type pin connection option) input current of ctrl pin -0.5 1 ma remote off input current 2.5 ma part number structure
mpp10(w) page of 4 www.pduke.com 2013/7/9 3 output specifications parameter conditions min. typ. max. unit voltage accuracy -1.0 +1.0 % line regulation low line to high line at full load single dual -0.2 -0.5 +0.2 +0.5 % load regulation no load to full load single dual -0.2 -1.0 +0.2 +1.0 % cross regulation asymmetrical load 25%/100% fl dual -5.0 +5.0 % single output 3.3vout, 5vout, 12vout 15vout, 24vout -10 -10 +10 +20 % voltage adjustability (only for b-type pin connection option) dual output 5vout, 12vout, 15vout -10 +10 % ripple and noise measured by 20mhz bandwidth with a 10 f/25v x7r mlcc with a 4.7 f/50v x7r mlcc 3.3vout, 5vout 12vout, 15vout 24vout 30 40 50 mvp-p temperature coefficient -0.02 +0.02 %/oc transient response recovery time 25% load step change 250 s over voltage protection continuous clamp 3.3vout 5vout 12vout 15vout 24vout 3.7 5.6 13.5 18.3 29.1 5.4 7.0 19.6 22.0 32.5 vdc over load protection % of iout rated; hiccup mode 150 % short circuit protection continuous, automatics recovery general specifications parameter conditions min. typ. max. unit isolation voltage 1 minute input to output 5000 vac isolation capacitance 12 17 pf leakage current 240vac,60hz 2 a switching frequency 270 300 330 khz clearance/creepage 8 mm design meet safety standard ansi/aami es60601-1 iec60601-1, en60601-1 case material non-conductive black plastic base material non-conductive black plastic potting material silicon (ul94-v0) dimensions 1.25 x 0.80 x 0.40 inch (31.820.310.2 mm) weight 14g (0.48oz) mtbf mil-hdbk-217f ta=25oc, full load (g/b, controlled environment) 8.638 x 10 5 hrs environmental specifications parameter conditions min. typ. max. unit without derating , -40 +77 oc operating ambient temperature with derating +77 +105 oc storage temperature range -55 +125 oc thermal impedance natural convection (20lfm) 18 oc/w thermal shock mil-std-810f vibration mil-std-810f relative humidity 5% to 95% rh emc specifications parameter conditions level emi (1) e n55011,en55022 and fcc part 18 class a, class b esd en61000-4-2 air 8kv contact 6kv perf. criteria a radiated immunity en61000-4-3 10 v/m perf. criteria a fast transient (2) e n61000-4-4 2kv perf. criteria a surge (2) e n61000-4-5 2kv perf. criteria a conducted immunity en61000-4-6 10 vr.m.s perf. criteria a note: 1. the mpp10(w) series can meet emi class a with no external filter. and class b only with external components. f or more detail information, please contact with p-duke. 2. an external input filter capacitor is required if the module has to meet en61000-4-4, en61000-4-5. the mpp10-05s  recommended an aluminum electrolytic capacitor (nippon chemi-con ky series, 1000 f/25v). and a reverse diode (vishay v10p45) to connect in parallel. the mpp10-12&24s  recommended an aluminum electrolytic capacitor (nippon chemi-con ky series, 470 f/50v). the mpp10-48s  recommended an aluminum electrolytic capacitor (nippon chemi-con ky series, 330 f/100v) . c aution: this power module is not internally fused. an input line fuse must always be used.
mpp10(w) page of 4 www.pduke.com 2013/7/9 4 characteristic curve mpp10-48s05wa derating curve mpp10-48s05wa efficiency vs input voltage mpp10-48s05wa efficiency vs output load mechanical drawing a type pin connection (standard) 1. all dimensions in inch (mm) tolerance: x.xx 0.02 (x.x 0.5) x.xxx 0.01 (x.xx 0.25) 2. pin pitch tolerance 0.01 (0.25) 3. pin dimension tolerance 0.004 (0.1) dip pin connection pin single dual 1 + input + input 11 no pin common 12 -output no pin 13 +output -output 15 no pin +output 23 - input - input 24 - input - input b type pin connection the pin 11 is ?no pin? when single output with trim option (suffix: -t). the pin 11 is ?nc? when single output without trim pin. 1. all dimensions in inch (mm) tolerance: x.xx 0.02 (x.x 0.5) x.xxx 0.01 (x.xx 0.25) 2. pin pitch tolerance 0.01 (0.25) 3. pin dimension tolerance 0.004 (0.1) dip pin connection pin single dual 1 ctrl (option) ctrl (option) 2 - input - input 10 trim (option) trim (option) 11 no pin / nc ( ) -output 14 +output +output 16 -output common 22 +input +input 23 +input +input


▲Up To Search▲   

 
Price & Availability of MPP10-05D12AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X